Part Number Hot Search : 
NTE1896 PE4245 5KP11C 22C8N7 TA1270 RT2417B7 DS1227 IDT74
Product Description
Full Text Search
 

To Download 1N4148W-GRB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - fast switching device (trr<4.0ns) - surface mount device type - moisture sensitivity level 1 - matte tin (sn) lead finish with nickel (ni) underplate - pb free version and rohs compliant - case: bend lead sod-123 small outline plastic package - polarity: indicated by cathode band - weight: 10 0.5 mg - marking code: t4 symbol units p d mw v r v v rrm v v rwm v v r(rms) v i frm ma i o ma r ja o c/w t j , t stg o c symbol units forward voltage na a a a junction capacitance c j pf reverse recovery time trr ns notes : 1. valid provided that terminals are kept at ambient temperature notes : 2. reverse recovery test conditions : i f =10ma, i r =10ma, r l =100 ? , i rr =1ma document number ds_s1310003 version : a13 mechanical data per mil-std-202, method 208 guaranteed thermal resistance (junction to ambient) (note 1) junction and storage temperature range 150 357 350 - terminal: matte tin plat ed, lead free., solderable value parameter power dissipation taiwan semiconductor 1n4148w-g - high temperature soldering guaranteed : 260c/10s features small signal product - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code maximum ratings and electrical characteristics (t a =25 unless otherwise noted) high speed smd switching diode 2.0 4.0 v r =0, f=1.0mhz 25 - - -1.25 1.0 - reverse leakage current i r v r =20v v r =75v, tj=150 sod-123 i f =10ma dc blocking voltage 100 rms reverse voltage -65 to + 150 v 50 (note 2) 0.715 repetitive peak forward current mean forward current - v f i f =50ma - - non-repetitive peak forward surge current @ t=1.0 s @ t=1.0s i fsm 2.0 1.0 i f =1.0ma 0.855 min a repetitive peak reverse voltage work peak reverse voltage 100 100 300 70 max v r =75v v r =25v, tj=150 - - 2.5 30 i f =150ma parameter -
part no. part no. 1n4148w-g 1n4148w-g 1n4148w-g 1n4148w-g (ta=25 unless otherwise noted) dimensions min max min max a 1.40 1.80 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.70 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.10 - 0.004 document number ds_s1310003 version : a13 green compound rb g 1n4148w-g rb rb 3000 / 7" reel g green compound code preferred p/n 1n4148w-g rbg 1n4148w-g rbg rb x0 x0 (note) example description green compound suffix "g" sod-123 rb packing code 1n4148w-g taiwan semiconductor packing code package packing rb small signal product green compound code manufacture code ordering information 0.50 ref 0.02 ref ratings and characteristics curves 1n4148w-g dim. unit (mm) unit (inch) manufacture code 1n4148w-g rb note: manufacture special control, if empty means no special control requirement. 0.01 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward current(ma) instantaneous forward voltage (v) fig.1 typical forward characteristics 1 10 100 1000 10000 0 20 40 60 80 100 120 140 160 180 200 reverse current (na) junction temperature (tj) fig. 2 reverse current vs junction temperature vr=20v b a e d c f g h
suggested pad layout unit (mm) unit (inch) min min g 2.25 0.089 x 0.90 0.035 x1 4.05 0.159 y 0.95 0.037 document number ds_s1310003 version : a13 dim. 1n4148w-g taiwan semiconductor small signal product


▲Up To Search▲   

 
Price & Availability of 1N4148W-GRB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X